Part Number Hot Search : 
216125 216125 B66414 1460E 09105 NC7SV32 UPC7900 APTGF
Product Description
Full Text Search
 

To Download 2N3903 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N3903 / 2n3904 npn silicon epitaxial planar transistor for switching and amplifier applications. as complementary types the pnp transistors 2n3905 and 2n3906 are recommended. on special request, thes e transistors can be manufactured in different pin configurations. absolute maximum ratings (t a = 25 o c) parameter symbol value unit collector base voltage v cbo 60 v collector emitter voltage v ceo 40 v emitter base voltage v ebo 6 v collector current i c 200 ma power dissipation p tot 625 mw junction temperature t j 150 o c storage temperature range t s - 55 to + 150 o c 1. emitter 2. base 3. collector to-92 plastic package weight approx. 0.19g
2N3903 / 2n3904 characteristics at t a = 25 o c parameter symbol min. max. unit dc current gain at v ce = 1 v, i c = 0.1 ma at v ce = 1 v, i c = 1 ma at v ce = 1 v, i c = 10 ma at v ce = 1 v, i c = 50 ma at v ce = 1 v, i c = 100 ma 2N3903 2n3904 2N3903 2n3904 2N3903 2n3904 2N3903 2n3904 2N3903 2n3904 h fe h fe h fe h fe h fe h fe h fe h fe h fe h fe 20 40 35 70 50 100 30 60 15 30 - - - - 150 300 - - - - - - - - - - - - - - collector cutoff current at v cb = 30 v i cbo - 50 na emitter cutoff current at v eb = 6 v i ebo - 50 na collector base breakdown voltage at i c = 10 a v (br)cbo 60 - v collector emitter breakdown voltage at i c = 1 ma v (br)ceo 40 - v emitter base breakdown voltage at i e = 10 a v (br)ebo 6 - v collector emitter saturation voltage at i c = 10 ma, i b = 1 ma at i c = 50 ma, i b = 5 ma v cesat v cesat - - 0.2 0.3 v v base emitter saturation voltage at i c = 10 ma, i b = 1 ma at i c = 50 ma, i b = 5 ma v besat v besat - - 0.85 0.95 v v gain bandwidth product at v ce = 20 v, i c = 10 ma, f = 100 mhz 2N3903 2n3904 f t f t 250 300 - - mhz mhz collector base capacitance at v cb = 5 v, f = 100 khz c cb - 4 pf emitter base capacitance at v eb = 0.5 v, f = 100 khz c eb - 8 pf thermal resistance junction to ambient r tha - 250 1) k/w 1) valid provided that leads are kept at ambient temperature at a distance of 2 mm from case
2N3903 / 2n3904 v ce ( v ) 7 0 0.01 0.2 0.4 0.3 i b (ma) 0.070.030.02 0.05 0.1 0.2 10ma 0.70.5 1 3 25 10 v ce = 1v t j = 25c 0.3 hfe (normalized) i c =1ma 0.6 0.8 1 0.1 0.1 0.2 30ma collector saturation region 100ma i c (ma) 32 0.7 0.5 0.30.2 1 70 50 30 20 75 100 10 1 0.5 0.7 2 -55c dc current gain 25c t j =125c 200


▲Up To Search▲   

 
Price & Availability of 2N3903

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X